Electronic Components Datasheet Search
  English  ▼

X  

QS7779PM Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # QS7779PM
Description  3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7779PM Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button QS7779PM Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7779PM Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
QS7779PM/CM
NIPPON PRECISION CIRCUITS—8
FUNCTIONAL DESCRIPTION
Operating Mode
This chip can be set to a desired operating mode by
control pins for the parallel interface (P/S pin sets to
HIGH) or control bits for the serial interface (P/S pin
sets to LOW). The control pins or bits configurations
are shown in the following table.
Note1.
× : Don’t care.
Note2. MUTE = 1 when PSAVE = 1
Mode description
Center signal output
CIN and COUT are used to emphasize the center signal.
How to use CIN and COUT.
s
Connect CIN and COUT with a resistor to make
the center signal emphasized.
s
Input resistance for CIN is 5k
Ω. For example, con-
necting a 5k
Ω resistor between CIN and COUT
makes output of (RIN+LIN)/2 to ROUT and
LOUT.
s
Directly connecting CIN and COUT makes ROUT
and LOUT output (RIN+LIN).
Mode
No.
Control Pins/Bits
Operation
(Output signal)
Description
B Y P
SPRD
MUTE
PSAV
E
LOUT
RO U T
11
×
0
0
LIN
R I N
Bypass mode
20000
QX(LIN)
QX(RIN)
Stereo enhanced and vir tual surround mode with low er enhanced
level
30100
QX+(LIN)
QX+(RIN)
Stereo enhanced and vir tual surround mode with higher enhanced
level
4
××
1
0
–
–
Mute mode
5
××
1
1
–
–
Pow er save mode. This function is available with serial interface only
Mode No.
Operating description
1
Bypass mode. Outputs the stereo signal as it is input.
2
Stereo Enhanced and vir tual surround mode with low er enhanced level. The Dolby Surround Pro Logic signal (Lt, Rt) input. Available
Surround Effect with two speakers by Qsurround technology. Virtual location of each signal is;
The Front signal: Virtually outside of the speakers.
The Rear signal: Virtually behind the listeners.
3
Stereo Enhanced and vir tual surround mode with higher enhanced level. The Dolby Surround Pro Logic signal (Lt, Rt) input. Available
Surround Effect with two speakers by Qsurround technology. This mode outputs the signals much more spread sound than Mode 2.
4
Mute mode. No signal at output pins.
5
P ow er save mode. This function is available with serial interface only.
Pin
Description
C I N
Outputs the doubled signal to ROUT and LOUT always.
COUT
Outputs the half level of signal ((RIN+LIN)/2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com