Electronic Components Datasheet Search
  English  ▼

X  

LX9506 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX9506
Description  Input Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX9506 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX9506 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 0.1,2000-09-22
LX9506
Input Cable Assembly
PRODUCTION DATA SHEET
A
M I CROSEM I
COM P A N Y



The LX9506 is an input-connector
cable assembly that is used to connect
Linfinity’s standard line of backlight
inverter products. The connector housing
is interconnectable and compatible with
PC boards mounted with the Molex*
53261 series 5-pin SMT header.
The
housing and pins are crimp-terminated to
18-inch (457mm) lengths of UL1061
AWG#26 wire.
This cable assembly is
designed to save users the job of obtaining
housing, pin, wire, and crimp-tools in
addition to the assembly of an evaluation
board.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
 
 
 Used for Interconnection of
Backlight Inverter Connector
(Molex 53261) to Power,
Ground, and Control Signal
 Generous 18-inch (457mm)
Lead Length to
accommodate Most
Applications
 Pre-Stripped Ends Facilitate
Ease of Hook-up
 Leads Color-Coded for
Quick and Accurate
Termination
 Wire is 300 Volt Rated to
80°C, PVC Insulated and is
Stranded in a 7X #34
Configuration
 
  

18.000in. ±0.250
457.20m m ±6.35
Strip & Re ta in
0.125in. ±0.020
3.17m m ±0.50
1
3
5
7
  
2
4
6

 
 
   
1
Molex* 51021 Series
1
Red
2
Molex* 50079 Series
2
Blue
3
UL 1061, 26 AWG, Red Wire
3
Black
4
UL 1061, 26 AWG, Blue Wire
4
Orange
5
UL 1061, 26 AWG, Black Wire
5
Green
6
UL 1061, 26 AWG, Orange Wire
7
UL 1061, 26 AWG, Green Wire
* Molex is a Registered Trademark of Molex, Inc
.
  
LX9506


Similar Part No. - LX9506

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX9506 MICROSEMI-LX9506 Datasheet
44Kb / 1P
Input Cable Assembly
LX9506G MICROSEMI-LX9506G Datasheet
44Kb / 1P
Input Cable Assembly
More results

Similar Description - LX9506

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX9501 MICROSEMI-LX9501 Datasheet
34Kb / 1P
Input Cable Assembly
LX9507 MICROSEMI-LX9507 Datasheet
34Kb / 1P
Input Cable Assembly
LX9501G MICROSEMI-LX9501G Datasheet
46Kb / 1P
Input Cable Assembly
LX9506G MICROSEMI-LX9506G Datasheet
44Kb / 1P
Input Cable Assembly
LX9507G MICROSEMI-LX9507G Datasheet
42Kb / 1P
Input Cable Assembly
LX9508 MICROSEMI-LX9508 Datasheet
46Kb / 1P
Input Cable Assembly
LX9508G MICROSEMI-LX9508G Datasheet
49Kb / 1P
Input Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-107-XX JFW-016-107-XX Datasheet
67Kb / 1P
CABLE ASSEMBLY
logo
TRACO Electronic AG
TEX-C11 TRACOPOWER-TEX-C11 Datasheet
138Kb / 1P
AC Input cable assembly for TEX 120
Rev. August 24, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com