Electronic Components Datasheet Search
  English  ▼

X  

QS7785PF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # QS7785PF
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785PF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button QS7785PF Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 11Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 12Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 13Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 14Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—13
TYPICAL APPLICATIONS
Parallel Interface
A capacitor for decoupling should be connected between supply and ground.
QXCC1
QXCC3
CIN
VREFIN
QXCC2
RIN
LIN
BASC2
MSC6
MSC5
MSC4
MSC3
MSC2
MSC1
COUT
LPC
SROUT
VREFOUT
PSAVE
MUTE
BASS
N.C.
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
SLOUT
0.01
µF 0.01µF
3300pF 3300pF
5 to 13V
8200pF
1000pF
0.012
µF
0.082
µF
2700pF
0.022
µF
0.22
µF
0.15
µF
10k
10k
0.15
µF
10k
10k
5V
47k
8200pF
8200pF
8200pF
10
µF
10
µF
4.7
µF
4.7
µF
4.7
µF
4.7
µF
4.7
µF
4.7
µF
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com