Electronic Components Datasheet Search
  English  ▼

X  

LXM1611-01 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1611-01
Description  DIGIT DIMMING CCFL INVERTER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1611-01 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1611-01 Datasheet HTML 1Page - Microsemi Corporation LXM1611-01 Datasheet HTML 2Page - Microsemi Corporation LXM1611-01 Datasheet HTML 3Page - Microsemi Corporation LXM1611-01 Datasheet HTML 4Page - Microsemi Corporation LXM1611-01 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D IGITA L D IMMING CCFL I NVER TER M ODULE
LXM1611-01
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 0.4
8/99
P RELIMINAR Y D ATA S HEET
P A TENT P ENDING
RangeMAX
TM
Input Power Supply. (8V
≤ V
IN ≤ 18V)
Power Supply Return.
ON/OFF Control. (2.2V < SLEEP < V
IN = ON, -0.3V < SLEEP < 0.8V = OFF)
Brightness Control (-0.3 to 2.5V
DC).
2.5V
DC gives maximum lamp current.
Vertical syncronization input, negative going.
Vertical syncronization input, positive going.
FUNCTIONAL PIN DESCRIPTION
Conn.
Pin
Description
CN1-1
V
IN
CN1-2
CN1-3
GND
CN1-4
CN1-5
SLEEP
CN1-6
BRITE
CN1-7
V
SYNC(-)
CN1-8
V
SYNC(+)
CN1
CN2
CN2-1
V
HI
CN2-2
V
LO
High voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length.
DO NOT connect to ground.
Connection to low side of lamp. Connect to lamp terminal with longer lead length.
DO NOT connect to Ground.
PHYSICAL DIMENSIONS
3.93 (100)
2.06 (52.25)
0.64
(16)
0.031 (0.79) max.
0.287 Max. (7.3)
Warning!!
High Voltage
Present
0.15
(3.85)
Ø 0.116 (2.95)
Grounded Mounting Hole
2.36 (60)
1.20 (30.5)
LXM1611-01
All dimensions are in inches (mm).
Connectors:
Recommended Mate:
CN-1
= MOLEX 53261-0890
Pins: 50079-8100*, Housing: 51021-0800
* Loose (-8000, Chain) Recommended #26 AWG wiring
CN-2
= JST SM02(8.0) B-BHS-TB
Pins: 5BH-001T-P0.5, Housing: BHR-03VS-1
25µs < t
PW < 250µs, 49Hz < fSYNC < 150Hz
}



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com