Electronic Components Datasheet Search
  English  ▼

X  

LXM1614 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXM1614
Description  DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1614 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXM1614 Datasheet HTML 1Page - Microsemi Corporation LXM1614 Datasheet HTML 2Page - Microsemi Corporation LXM1614 Datasheet HTML 3Page - Microsemi Corporation LXM1614 Datasheet HTML 4Page - Microsemi Corporation LXM1614 Datasheet HTML 5Page - Microsemi Corporation LXM1614 Datasheet HTML 6Page - Microsemi Corporation LXM1614 Datasheet HTML 7Page - Microsemi Corporation LXM1614 Datasheet HTML 8Page - Microsemi Corporation LXM1614 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 0.3b,2000-11-20
RangeMAX™
LXM1614-14-11
DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
PRELIMINARY DATASHEET
A
M I CROSEM I
COM P A N Y

 
  

An on-board thermister monitors the inverter’s relative
temperature and limits the maximum allowable lamp
current. This current limit automatically protects the lamp
and inverter as a function of temperature which helps
control the system during Boost mode.
RangeMAX Digital Dimming Technique.
Digital dimming provides flicker-free brightness control
in any wide range dimming application. Dimming ratios
greater than 100:1 can be achieved.
A video synch-
ronization feature allows wide ratio dimming without the
display disturbances and interference seen with competitive
products.
The resultant “burst drive” that energized the
lamp was designed specifically to ensure that no premature
lamp degradation occurs. Even in overdrive boost mode,
the waveform is carefully controlled to minimize the
effects that are detrimental to lamp life. Individual panel
specifications should be referenced for specific thermal and
electrical parameters.
Direct Drive Technology.
The module design is based on the Direct Drive topology,
which provides a number of cost, performance, and form
factor advantages. The LXM1614 series inverters eliminate
the classic resonant inductor/capacitors and integrate the
wide range dimming logic into the controller.
Additional Features.
Other benefits of this new topology are fixed-frequency
operation
and
secondary-side
strike-voltage
regulation.
Strike-voltage regulation minimizes corona discharge in the
output transformer and related circuitry, providing longer life
and higher reliability. All LXM1614 modules feature both
open and shorted lamp protection. The dual drive LXM1614
is fully customizable (electronically and mechanically) to
specific customer requirements.
  
     
  
 
   
 
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance will be obtained if
the module is operated under the condition listed in the ‘R.C.’ Column. Min. and Max. columns indicate values beyond which the inverter, although
operational, will not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
VIN Voltage Range
VIN
9.0
16.0
V
Output Power
PO
6.0
W
Brightness Control Input Voltage Range
VBRT_ADJ
0.0
5.0
V
BOOST Control Input Voltage Range
VBST_ADJ
0.0
5.0
V
Lamp Operating Voltage
VLAMP
900
VRMS
Lamp Current Full Brightness
IOLAMP
4.0
9.0
mARMS
Operating Ambient Temperature Range
TA
-40
85
°C
Input Supply Voltage (VIN) ...................................................................................................................................-0.3V to 17V
Output Voltage, no load ...........................................................................................................Internally Limited to 1800VRMS
Output Current................................................................................................................... 16mARMS (<2 minutes@TA<25°C)
Output Power................................................................................................................................................................... 10W
Input Signal Voltage (BRITE, BOOST) ................................................................................................................. -0.3V to VIN
Input Signal Voltage (SLEEP, VSYNC).................................................................................................................... -0.3V to VIN
Ambient Operating Temperature, zero airflow .................................................................................................. -40°C to 85°C
Storage Temperature Range ............................................................................................................................ -40°C to 85°C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of
specified terminal.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com