Electronic Components Datasheet Search
  English  ▼

X  

QS7785CF Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # QS7785CF
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785CF Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button QS7785CF Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 11Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 12Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 13Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 14Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—11
Center Control
The center signal output on COUT is enabled when
AC is HIGH.
This section describes the output function whereby
fixed frequency sound sources, such as vocal and
speech signals, can be output on the center signal. As
mentioned for “Type C” and “Type D” speaker
arrangements, the center signal can be output by
direct connection to a speaker or by adding the signal
to the front-channel output using a resistor connec-
tion between CIN and COUT.
Using a center speaker
When using a speaker, a capacitor Ca can be con-
nected between LPC and COUT, forming a lowpass
filter. The
−3dB cutoff frequency of the filter is given
by the following equation.
Frequencies higher than voice tones are cut from the
signal sent to the center speaker for clear reproduc-
tion of voice-band signals.
Adding to the front-channel output
With this connection, the bass frequency components
can be removed from a signal. Capacitors Ca and Cb
and resistor Ra can be connected between CIN and
COUT to form a highpass filter. The
−3dB cutoff fre-
quency of the filter is given by the following equa-
tion.
The input signal on CIN is added equally to both
front-channel outputs FLOUT and FROUT. Frequen-
cies lower than voice tones are cut from the signal
added to the front-channel outputs for clear repro-
duction of voice-band signals.
Note: Internal resistance value, R1 and R2, may vary ± 15%.
f
1
2
πCa R1
×
---------------------------
=
f
1
2
πCb Ra R2
+
()
----------------------------------------
=
Center output connection
26
21
22
25
20
FROUT
CIN
COUT
FLOUT
LPC
10k
10k
10k
10k
R3:10k
Ca
R2:10k
Ra:10k
R1:20k
Front Right
Speaker
Cnter
Speaker
Front Left
Speaker
Close when MUTE=H
Open when MUTE=L
Close when AC=H
Open when AC=L
VREFOUT
Center output frequency response
−6dB
GC
3dB
fL
fH
3dB
Gain
Freq.
V(COUT)/V(RIN)@V(LIN)=0
V(FROUT)
or V(FLOUT)
fL=
2
πCb(Ra+R2)
fH=
1
2
πCaR1
1
GC=20 log
Ra+R2
R3
()−6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com