Electronic Components Datasheet Search
  English  ▼

X  

MA001198524 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA001198524
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA001198524 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA001198524 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
TDA21320
Issued
7. September 2015
MA#
MA001198524
Package
LG-WIQFN-38-2
Weight*
93.67 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
non noble metal
tin
7440-31-5
0.072
0.08
770
noble metal
gold
7440-57-5
0.280
0.30
2987
inorganic material
silicon
7440-21-3
1.911
2.04
2.42
20405
24162
leadframe
non noble metal
iron
7439-89-6
0.058
0.06
616
inorganic material
phosphorus
7723-14-0
0.017
0.02
185
non noble metal
copper
7440-50-8
57.648
61.55
61.63
615451
616252
glue
inorganic material
silicondioxide
60676-86-0
0.031
0.03
336
plastics
maleimide resin
-
0.031
0.03
0.06
336
672
redistribution - layer
noble metal
silver
7440-22-4
0.269
0.29
2875
inorganic material
aluminiumhydroxide
21645-51-2
1.635
1.75
17454
inorganic material
silicondioxide
60676-86-0
2.146
2.29
22908
plastics
epoxy resin
-
2.861
3.05
30544
inorganic material
glass fibre
-
3.576
3.82
38180
non noble metal
tin
7440-31-5
8.663
9.25
92482
non noble metal
copper
7440-50-8
13.371
14.27
34.72
142745
347188
solder resists
organic material
carbon black
1333-86-4
0.011
0.01
117
inorganic material
bariumsulfate
7727-43-7
0.110
0.12
1173
inorganic material
silicondioxide
60676-86-0
0.373
0.40
3987
plastics
acryl epoxy resin
-
0.604
0.64
1.17
6449
11726
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA001198524

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA001198526 INFINEON-MA001198526 Datasheet
33Kb / 1P
Material Content Data Sheet
7. September 2015
More results

Similar Description - MA001198524

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000851438 INFINEON-MA000851438 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000859868 INFINEON-MA000859868 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
MA000870990 INFINEON-MA000870990 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA000979032 INFINEON-MA000979032 Datasheet
28Kb / 1P
Material Content Data Sheet
29. August 2013
MA000990710 INFINEON-MA000990710 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001056742 INFINEON-MA001056742 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001082472 INFINEON-MA001082472 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001095596 INFINEON-MA001095596 Datasheet
29Kb / 1P
Material Content Data Sheet
28. August 2013
MA001114474 INFINEON-MA001114474 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001145362 INFINEON-MA001145362 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com