Electronic Components Datasheet Search
  English  ▼

X  

FS48-400 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FS48-400
Description  PC MOUNT :SPLIT PACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FS48-400 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FS48-400 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
P C
M O U N T : SPLIT PACK
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
FS48-400
Description:
The FS48-400 is a dual primary and dual secondary, split bobbin design which
operates with either a parallel input of 115V or a series input of 230V. The output
voltage will be either 48.0V with a center-tap under a 0.4A load with the
secondaries wired in series, or 24.0V under a 0.8A load with the secondaries
wired in parallel. The split bobbin design eliminates the need for costly
electrostatic shielding.
Electrical Specifications (@25C)
1. Maximum Power: 20.0VA
2. Primary:
Series: 230V; Parallel: 115V
3. Secondary:
Series: 48.0V CT@ 0.4A; Parallel: 24.0V @ 0.8A
4. Voltage Regulation: 25% TYP @ full load to no load
5. Temperature Rise: 25C TYP
6. Hipot tested 100% at 2500 VRMS
Construction:
Three flange bobbin construction with primaries and secondaries wound side by
side for low capacitive coupling.
Agency File:
UL: File E53148, UL 5085-2 (506), Class B General Purpose Transformer,
cUL: File E53148, UL 5085-2 (506), Class B General Purpose Transformer,
Canadian Use (CSA 22.2, No.66.2-06)
This model is also available in Class 3, UL 5085-3 (1585) version as FS48-400-C2
Dimensions:
Units in inches.
H
W
L
A
B
C
D
E
F
1.437
1.875
2.25
0.300
0.400
1.600
0.041
0.020
0.234
Weight: 0.80 lbs
Schematic:
1
2
3
4
8
7
6
5
115/230V
50/60Hz
1
2
3
4
115/230V
50/60Hz
PARALLEL
1
2
3
4
115/230V
50/60Hz
SERIES
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
As of April 7, 2008, UL standards 506 and 1585 will be migrated to UL 5085-2
and 5085-3, respectively.
* Upon printin
g, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
1
2
3
4
L
H
W
E
A
B
A
C
0.06" DIAMETER
HOLE
D
F
1
5
8
4
Board Layout


Similar Part No. - FS48-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS48-400 ETC2-FS48-400 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS48-400-C2 TRIAD-FS48-400-C2 Datasheet
56Kb / 1P
CLASS 3 TRANSFORMER
FS48-400-C2-B TRIAD-FS48-400-C2-B Datasheet
181Kb / 1P
CLASS 3 TRANSFORMER
More results

Similar Description - FS48-400

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F10-2000 TRIAD-F10-2000 Datasheet
136Kb / 2P
PC MOUNT : SPLIT PACK
F36-030 TRIAD-F36-030 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F36-65 TRIAD-F36-65 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F36-170 TRIAD-F36-170 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F56-045 TRIAD-F56-045 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F56-350 TRIAD-F56-350 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F120-100 TRIAD-F120-100 Datasheet
47Kb / 1P
PC MOUNT : SPLIT PACK
F120-160 TRIAD-F120-160 Datasheet
47Kb / 1P
PC MOUNT : SPLIT PACK
FS28-420 TRIAD-FS28-420_13 Datasheet
88Kb / 1P
PC MOUNT : SPLIT PACK
FS36-030 TRIAD-FS36-030_13 Datasheet
88Kb / 1P
PC MOUNT : SPLIT PACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com