Electronic Components Datasheet Search
  English  ▼

X  

TL072-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL072-EP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072-EP Datasheet(HTML) 2 Page - Texas Instruments

  TL072-EP Datasheet HTML 1Page - Texas Instruments TL072-EP Datasheet HTML 2Page - Texas Instruments TL072-EP Datasheet HTML 3Page - Texas Instruments TL072-EP Datasheet HTML 4Page - Texas Instruments TL072-EP Datasheet HTML 5Page - Texas Instruments TL072-EP Datasheet HTML 6Page - Texas Instruments TL072-EP Datasheet HTML 7Page - Texas Instruments TL072-EP Datasheet HTML 8Page - Texas Instruments TL072-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
C1
VCC+
IN+
VCC−
1080
Ω
1080
Ω
IN−
64
Ω
128
Ω
64
Ω
All component values shown are nominal.
OUT
18 pF
+
−
IN+
IN−
OUT
TL072-EP, TL074-EP
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
www.ti.com
TL072 and TL074 SYMBOL (EACH AMPLIFIER)
SCHEMATIC (EACH AMPLIFIER)
COMPONENT COUNT(1)
COMPONENT
TL072
TL074
TYPE
Resistors
22
44
Transistors
28
56
JFET
4
6
Diodes
2
4
Capacitors
2
4
epi-FET
2
4
(1)
Includes bias and trim circuitry
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TL072-EP TL074-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com