Electronic Components Datasheet Search
  English  ▼

X  

PE9015 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9015
Description  50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9015 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9015 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
Configuration
Connector 1
BNC Jack
Impedance 1
50 Ohms
Connector 2
RCA Jack
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 250
Dielectric Withstanding Voltage, Vrms
500
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +60
Size
Length, in [mm]
1.18 [29.97]
Width/Dia., in [mm]
0.43 [10.92]
.
Connector 1
Type
BNC Jack
Inner Conductor Material and Plating
Brass, Nickel
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Connector 2
Type
RCA Jack
Inner Conductor Material and Plating
Brass, Nickel
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter PE9015
PE9015
PE9015 REV
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter


Similar Part No. - PE9015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
Double Binding Post to 50 Ohm BNC Male Adapter
PE9013 PASTERNACK-PE9013 Datasheet
79Kb / 1P
BNC FEMALE TO BINDING POSTS
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
More results

Similar Description - PE9015

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
APH-BNCJ-HDBNCP AMPHENOL-APH-BNCJ-HDBNCP Datasheet
150Kb / 1P
HD BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCP-HDBNCJ AMPHENOL-APH-BNCP-HDBNCJ Datasheet
125Kb / 1P
BNC PLUG TO HD-BNC JACK,75 OHM ADAPTER
APH-BNCP-HDBNCJ_1010 AMPHENOL-APH-BNCP-HDBNCJ_1010 Datasheet
116Kb / 1P
BNC PLUG TO HD-BNC JACK, 75 OHM ADAPTER
logo
Pasternack Enterprises,...
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9168 PASTERNACK-PE9168 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Jack Adapter
PE9171 PASTERNACK-PE9171 Datasheet
236Kb / 2P
50 Ohm BNC Male to 75 Ohm RCA Jack Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
logo
Amphenol Corporation
CAPH-HDBNCJ-SMAJ AMPHENOL-CAPH-HDBNCJ-SMAJ Datasheet
116Kb / 1P
50 OHM HD BNC JACK TO SMA JACK ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com