Electronic Components Datasheet Search
  English  ▼

X  

PE91134 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91134
Description  N Male to 7 - 16 DIN Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91134 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91134 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91134 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91134 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to 7/16 DIN Female Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
7/16 DIN Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Maximum VSWR
1.15:1
Maximum Input Power, Watts
200
Mechanical Specifications
Temperature
Operating Range,deg C
-45 to +80
Size
Length, in [mm]
1.7 [43.18]
Width/Dia., in [mm]
1.14 [28.96]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, mm
20
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to 7/16 DIN Female Adapter PE91134
PE91134
PE91134 REV 1.0
N Male to 7/16 DIN Female Adapter


Similar Part No. - PE91134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9113 PASTERNACK-PE9113 Datasheet
74Kb / 1P
UHF MALE TO MALE
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
PE91136 PASTERNACK-PE91136 Datasheet
368Kb / 3P
Maximum Insertion Loss
PE91137 PASTERNACK-PE91137 Datasheet
345Kb / 3P
Inner Conductor Material and Plating
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
Maximum Insertion Loss
More results

Similar Description - PE91134

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9178 PASTERNACK-PE9178 Datasheet
256Kb / 3P
N Male to 7/16 DIN Female Adapter
PE9179 PASTERNACK-PE9179 Datasheet
255Kb / 3P
N Female to 7/16 DIN Male Adapter
PE9180 PASTERNACK-PE9180 Datasheet
256Kb / 3P
N Female to 7/16 DIN Female Adapter
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9535 PASTERNACK-PE9535 Datasheet
464Kb / 3P
N Male to 7/16 DIN Male Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com