Electronic Components Datasheet Search
  English  ▼

X  

PE91175 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91175
Description  SMA Female to 7 - 16 DIN Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91175 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91175 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91175 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91175 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
7/16 DIN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
1.566 [39.78]
Width/Dia., in [mm]
1.25 [31.75]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in.
1 1/4
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to 7/16 DIN Male Adapter PE91175
PE91175
PE91175 REV 1.0
SMA Female to 7/16 DIN Male Adapter


Similar Part No. - PE91175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE91170 PASTERNACK-PE91170 Datasheet
343Kb / 3P
Maximum VSWR
PE91171 PASTERNACK-PE91171 Datasheet
338Kb / 3P
Maximum VSWR
PE91172 PASTERNACK-PE91172 Datasheet
357Kb / 3P
Low PIM TNC Male to TNC Male Adapter
More results

Similar Description - PE91175

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9411 PASTERNACK-PE9411 Datasheet
248Kb / 2P
SMA Male to 7/16 DIN Female Adapter
PE9412 PASTERNACK-PE9412 Datasheet
243Kb / 2P
SMA Female to 7/16 DIN Male Adapter
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com