Electronic Components Datasheet Search
  English  ▼

X  

PE91192 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91192
Description  7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91192 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91192 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91192 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91192 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
7/16 DIN Female
Impedance 1
50 Ohms
Connector Specification 1
IEC 169-4
Connector 2
7/16 DIN Female
Impedance 2
50 Ohms
Connector Specification 2
IEC 169-4
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.472 [37.39]
Width/Dia., in [mm]
1.35 [34.29]
.
Connector 1
Type
7/16 DIN Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-45 to +120 deg C
Ingress Protection
IP67 Mated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female to 7/16 DIN Female Adapter IP67 Mated PE91192
PE91192
PE91192 REV 1.0
7/16 DIN Female to 7/16 DIN Female Adapter IP67 Mated


Similar Part No. - PE91192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
More results

Similar Description - PE91192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE91208 PASTERNACK-PE91208 Datasheet
359Kb / 3P
7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91212 PASTERNACK-PE91212 Datasheet
356Kb / 3P
7 - 16 DIN Male to N Female Adapter IP67 Mated
PE91213 PASTERNACK-PE91213 Datasheet
355Kb / 3P
7 - 16 DIN Female to N Female Adapter IP67 Mated
PE91214 PASTERNACK-PE91214 Datasheet
357Kb / 3P
7 - 16 DIN Female to N Male Adapter IP67 Mated
PE91215 PASTERNACK-PE91215 Datasheet
330Kb / 3P
7 - 16 DIN Female to N Female Bulkhead Adapter IP67 Mated
PE91229 PASTERNACK-PE91229 Datasheet
372Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com