Electronic Components Datasheet Search
  English  ▼

X  

PE91193 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91193
Description  Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91193 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91193 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91193 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91193 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Bulkhead 7/16 DIN Female to 7/16 DIN Female Adapter IP67 Mated from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead 7/16 DIN Female to 7/16 DIN Female Adapter IP67 Mated PE91193
URL: http://www.pasternack.com/7-16-female-7-16-female-straight-adapter-pe91193-p.aspx
PE91193
PE91193 REV 1.0
Bulkhead 7/16 DIN Female to 7/16 DIN
Female Adapter IP67 Mated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com