Electronic Components Datasheet Search
  English  ▼

X  

PE91249 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91249
Description  7 - 16 DIN Male to N Female Adapter IP67 UnMated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91249 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91249 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91249 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
7/16 DIN Male to N Female Adapter IP67 UnMated from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to N Female Adapter IP67 UnMated PE91249
URL: http://www.pasternack.com/7-16-male-n-female-straight-adapter-pe91249-p.aspx
PE91249
PE91249 REV 1.0
7/16 DIN Male to N Female Adapter IP67 UnMated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com