Electronic Components Datasheet Search
  English  ▼

X  

PE91291 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91291
Description  3.5mm Female to 2.4mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91291 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91291 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91291 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91291 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
3.5mm Female to 2.4mm Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in
the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Female to 2.4mm Female Adapter PE91291
URL:
http://www.pasternack.com/3.5mm-female-2.4mm-female-straight-adapter-pe91291-p.aspx
PE91291
PE91291 REV 1
3.5mm Female to 2.4mm Female Adapter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com