Electronic Components Datasheet Search
  English  ▼

X  

PE91293 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91293
Description  3.5mm Male to 2.4mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91293 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91293 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91293 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91293 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
3.5mm Male
Impedance 1
50 Ohms
Connector 2
2.4mm Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 34 GHz
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
0.784 [19.91]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
3.5mm Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Ultem 1000
Connector 2
Type
2.4mm Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Ultem 1000
Environmental Specifications
Temperature
Operating Range
-55 to +150 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 2.4mm Female Adapter PE91293
PE91293
PE91293 REV 1
3.5mm Male to 2.4mm Female Adapter


Similar Part No. - PE91293

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9129 PASTERNACK-PE9129 Datasheet
237Kb / 2P
HN Female to BNC Male Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91294 PASTERNACK-PE91294 Datasheet
341Kb / 3P
3.5mm Male to 2.4mm Male Adapter
More results

Similar Description - PE91293

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE91148 PASTERNACK-PE91148 Datasheet
361Kb / 3P
Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91294 PASTERNACK-PE91294 Datasheet
341Kb / 3P
3.5mm Male to 2.4mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com