Electronic Components Datasheet Search
  English  ▼

X  

PE91297 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91297
Description  2.92mm Male to 2.4mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91297 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91297 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91297 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91297 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.92mm Male
Impedance 1
50 Ohms
Connector 2
2.4mm Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 40 GHz
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
0.814 [20.68]
.
Weight, lbs [g]
0.009 [4.08]
Connector 1
Type
2.92mm Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Ultem 1000
Connector 2
Type
2.4mm Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Ultem 1000
Environmental Specifications
Temperature
Operating Range
-65 to +150 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.4mm Female Adapter PE91297
PE91297
PE91297 REV 1
2.92mm Male to 2.4mm Female Adapter


Similar Part No. - PE91297

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9129 PASTERNACK-PE9129 Datasheet
237Kb / 2P
HN Female to BNC Male Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
More results

Similar Description - PE91297

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
Precision 2.92mm Female to 2.4mm Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.4mm Male Adapter
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91295 PASTERNACK-PE91295 Datasheet
340Kb / 3P
2.92mm Female to 2.4mm Female Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
2.92mm Female to 2.4mm Male Adapter
PE91298 PASTERNACK-PE91298 Datasheet
330Kb / 3P
2.92mm Male to 2.4mm Male Adapter
logo
Amphenol SV Microwave
1116-6092 SVMICROWAVE-1116-6092 Datasheet
603Kb / 1P
2.4mm FEMALE TO 2.92mm FEMALE 2 HOLE FLANGE ADAPTER
04/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com