Electronic Components Datasheet Search
  English  ▼

X  

Q30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Q30
Description  Digital Signage Product
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Q30 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
s
Q
30
CPU
RockChip RK3188
ARM ® Cortex ™ -A9 Quad-Core 1.6GHz
GPU
Mali-400 MP4,OpenGL ES 2.0
OS
Android™ 4.2
Memory
DDR3 2GB RAM
Storage
8GB Nand Flash
TransFlash Card,32GB MAX
HDMI
HDMI1.4 (Support 1080P)
Network
WiFi/BT+100MB/S(RJ45)
IR+3G(Optional)
I/O Port
1*DC IN(12V)
1*RJ45
1*HDMI
1*TF Card Reader
1*3.5mm Earphone
3*USB 2.0 ( 1*USB OTG)
1*SIM
1*Mini-PCIE (3G)
HW Key
Power, Burning, Recovery
Antenna Port
1*WiFi/BT+1*3G
BAT-CMOS
3.3V RTC Wake Up
Operating
Temperature
0℃~40℃
Certification
CCC,CE,FCC
Size
130X128.5X26MM
This information is subject to change without notice
ARM
Digital Signage Product
ARM Quad
-core Processor
ARM ® Cortex ™
-A9 Quad-Core 1.6GHz,
powerful image processing and computing
performance
.
3G extensions
expandable
3G slot provide most possibility
solutions in digital signage and broadcasting
industry
.
Special Timed On
/off、Auto Power on
Function
\on hardware
(JAHC Technology
)
Independent MCU Control Technology on hardware,
can realize
reliable RTC Timed On
/off、Auto
Power on without system supporting ,more
intelligent,Unmanned Operation in Digital Signage
field
.
The application boot automatically,Innovative UI
For
intelligent application in industry field,
Innovative function management
,Easily set up
application boot automatically,Unmanned Operation。
To realize softwarefunction,Unique style of
application interface layout,Stronger Science and
technology feeling,Interface design is more suitable
and convenient
.


Similar Part No. - Q30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
Q30 XPPOWER-Q30 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Q30-12 XPPOWER-Q30-12 Datasheet
2Mb / 9P
Q Series DC-HVDC C ONVERTER
06 Apr 2023
Q30-24R XPPOWER-Q30-24R Datasheet
2Mb / 9P
Q Series DC-HVDC C ONVERTER
06 Apr 2023
logo
Powerbox
Q30-5 POWERBOX-Q30-5 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
Q30-5 XPPOWER-Q30-5 Datasheet
2Mb / 9P
Q Series DC-HVDC C ONVERTER
06 Apr 2023
More results

Similar Description - Q30

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS302 ADVANTECH-ARK-DS302 Datasheet
476Kb / 2P
Compact HD Digital Signage Platform
ARK-DS303 ADVANTECH-ARK-DS303 Datasheet
432Kb / 2P
Value Digital Signage Platform
DSD-3032 ADVANTECH-DSD-3032 Datasheet
216Kb / 2P
32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
ARK-DS303 ADVANTECH-ARK-DS303_14 Datasheet
877Kb / 2P
Value Digital Signage Player
logo
List of Unclassifed Man...
Q20W ETC2-Q20W Datasheet
304Kb / 1P
Digital Signage Product
logo
Axiomtek Co., Ltd.
DSB550-880 AXIOMTEK-DSB550-880 Datasheet
226Kb / 1P
High Performance Digital Signage Player
logo
DFI Inc
OPS150-CS DFI-OPS150-CS Datasheet
588Kb / 3P
Digital Signage OPS Computer
OPS100-SH DFI-OPS100-SH Datasheet
570Kb / 3P
Digital Signage Computer
logo
Advantech Co., Ltd.
VUE-5550-UHD ADVANTECH-VUE-5550-UHD Datasheet
461Kb / 2P
Advantech 55 Digital Signage
15-Apr-2022
VUE-86-4K ADVANTECH-VUE-86-4K Datasheet
238Kb / 2P
Advantech 86" Digital Signage Series
19-Dec-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com