Electronic Components Datasheet Search
  English  ▼

X  

S8232 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S8232
Description  High-End Dual-socket server platform for HPC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S8232 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S8232 Datasheet HTML 1Page - List of Unclassifed Manufacturers S8232 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
S8232
S8232WGM4NR / S8232GM4NR /
S8232WAG2NRF-LE / S8232AG2NRF-LE
(Specifications are subject to change without notice. Items pictured may only be
representative.)
Block Diagram
PCI
1394
VT6308P
BMC
AST2050
PCI Slot #5
(2) 5x2 Headers
PCI-E Gen2 x16 Slot #8
PCI-E Gen2 x16 Slot #6
x16
x16
x4
x4
x8 HT3.0
x8 HT3.0
x16 HT3.0
x4 A-link
RDDR3 memory
DDR3 800/1066/1333
RDDR3 memory
DDR3 800/1066/1333
Socket G34
Socket G34
Secondary
SR5690
I/O Hub
Secondary
SR5690
I/O Hub
PCI-E Gen2 x8 Slot #1
PCI-E Gen2 x16 Slot #4
PCI-E Gen2 x16 Slot #2
PCI-E Gen2 x8 Slot #3
x16
x16
x4
x4
x16 HT3.0
x16 HT3.0
SP5100
South
Bridge
Mini-SAS x 2
RJ45 x2
RJ45 x2
LSI2008
Intel
82576
Intel
82576
x2
SATA2 x6
ALC262
TPM
SLB9635
SPI BIOS
6x2 Header
5x2 Header
SIO
W83627DHG-P
COM1
COM2
USB (4) Rear + (2) headers + (1) Type A
AMD Opteron™ 6100/6200 series
processors
LGA1944 / (2)
Up to 105W
AMD® (2)SR5690 + SP5100
-LE SKU (1)SR5690 + SP5100
Winbond W83627
(12)+(12) DIMM sockets
DDR3 800/1066/1333 UDIMM /RUIMM
Up to 256GB RDIMM/ 64GB UDIMM
4 Channels per CPU
up to 1.5V
(4) PCI-E Gen.2 x16 slots(w/ x16 link)
(2) PCI-E Gen2x8 slots (w/x4 link)
(2) PCI-E Gen2x16 slots (w/x16 link) -E SKU
(1) PCI
Max (4)
(2) Intel® 82576
Connector
(2) Mini-SAS ports
Controller
LSI SAS2008 (-W SKUs only)
Speed
6.0 Gb/s
RAID
RAID 0/1/1E/10 (LSI Integrated RAID)
Connector
(6) signle-port
Controller
AMD SP5100
Speed
6 for 3.0 Gb/s
RAID
RAID 0/1/10/5 (Promise raid stack)
D-Sub 15-pin
1600x1200@60Hz
Aspeed AST2050
N/A
N/A
N/A
N/A
SLB9635
TPM v1.2
(9) USB2.0 ports (4 at rear, 4 via cable, 1
type A onboard)
(2) ports (1 at rear, 1 via cable)
PS/2
None
(2) Mini-SAS ports
(1) D-Sub 15-pin VGA port
Max (4) GbE ports
Universal 24-pin + 8-pin + 8-pin + 4-pin
power connectors
(1) 2x12 pin SSI front panel header
(6) signle port SATA-II connectors
Winbond W83793G
Monitors voltage for CPU, memory, chipset &
power supply
Total (8) 4-pin headers
Monitors temperature for CPU & system
environment
Chassis intrusion detection
Watchdog timer support
Processor
Supported CPU Series
Socket Type / Q'ty
Thermal Design Power
(TDP) wattage
PCI
Memory voltage
Audio
Chipset
Feature
PCI-E
Recommended TYAN®
Riser Card
Chipset
Expansion
Slots
Memory
Supported DIMM Qty
DIMM Type / Speed
Capacity
Memory channel
Chipset
Super I/O
Firewire
Chipset
Port Q'ty
Connector type
Chipset
VGA
RJ-45
USB
LAN
Port Q'ty
Controller
Storage
SAS
(opt.)
SATA
Graphic
System
Monitoring
Fan
Temperature
Voltage
Chipset
Others
Version
Resolution
Power
Input /Output
TPM (Optional)
SATA
SAS
COM
Front Panel
Chipset
Onboard Aspeed AST2050
IPMI 2.0 compliant baseboard management
controller (BMC)
BIOS update
USB 2.0 virtual hub
24-bit high quality video compression
Dual 10/100 Mb/s MAC interfaces
BIOS
AMI / 4MB
Plug and Play (PnP)/ PCI 2.3
WfM2.0 / SMBIOS2.3 / PXE boot
ACPI 2.0 power management
Power on mode after power recovery
User-configurable H/W monitoring
Auto-configurable of hard disk types
Multiple boot options
MEB
13" x 16" (330 x 406mm)
Operating
System
Please refer to our OS supported list.
Class B
Yes
10° C ~ 35° C (41° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
Operating Relative Humidity: 15% to 90%
(non-condensing)
Non-operating Relative Humidity: 10% to
95% (non-condensing)
RoHS
Yes
Server
Management
Non-operating Temp.
In/Non-operating
Humidity
AST2050 iKVM Feature
AST2050 IPMI Feature
Brand / ROM size
Onboard Chipset
Form Factor
Board Dimension
OS supported list
Feature
Regulation
FCC (DoC)
CE (DoC)
Form Factor
Operating
Environment
Operating Temp.
RoHS 6/6 Complaint
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com