Electronic Components Datasheet Search
  English  ▼

X  

MRF4427 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF4427
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF4427 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF4427 Datasheet HTML 1Page - Microsemi Corporation MRF4427 Datasheet HTML 2Page - Microsemi Corporation MRF4427 Datasheet HTML 3Page - Microsemi Corporation MRF4427 Datasheet HTML 4Page - Microsemi Corporation MRF4427 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1313.PDF 10-25-99
MRF4427, R1, R2
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain
IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz
16
18
-
dB
MAG
Maximum Available Gain
IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz
18
20
-
dB
|S21|
2
Insertion Gain (calculated)
IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz
12
14
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 12 V, IC = 50 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
50
.672
-145
20.15
112
.021
45
.447
-59
100
.721
-163
10.78
96
.026
44
.271
-67
200
.743
-174
5.37
85
.037
54
.199
-72
500
.768
170
2.18
63
.070
59
.264
-86
750
.775
161
1.53
48
.096
62
.356
-98
1000
.778
152
1.07
36
.122
65
.437
-109



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com