Electronic Components Datasheet Search
  English  ▼

X  

MRF559 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF559
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF559 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF559 Datasheet HTML 1Page - Microsemi Corporation MRF559 Datasheet HTML 2Page - Microsemi Corporation MRF559 Datasheet HTML 3Page - Microsemi Corporation MRF559 Datasheet HTML 4Page - Microsemi Corporation MRF559 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1317.PDF 10-25-99
MRF559
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GPE
Power Gain
Test Circuit-Figure 1
Pout = 0.5 W, VCE =12.5Vdc
f = 870
MHz
f = 512
MHz
8.0
-
9.5
13
-
dB
η
Collector Efficiency
Test Circuit-Figure 1
Pout = 0.5 W, VCE =12.5Vdc
f = 870
MHz
f = 512
MHz
50
-
65
60
-
%
Typical Performance @ VCC = 7.5V
GPE
Power Gain
Test Circuit-Figure 1
Pout = 0.5 W, VCE =7.5Vdc
f = 870 MHz
f = 512
MHz
-
-
6.5
10
-
-
dB
η
Collector Efficiency
Test Circuit-Figure 1
Pout = 0.5 W, VCE =7.5Vdc
f = 870 MHz
f = 512
MHz
-
-
70
65
-
-
%
Figure 2. 870 MHz Test Fixture
C1, C2, C4, C5 — 1.0–10 pF Johanson
C3, C6 — 0.001
µF Chip Capacitor
C7 — 1.0
µF Tantalum
L1, L4 — 4 Turns #26 AWG, 0.3 cm ID, 0.4 cm Long
L2, L3 — Ferrite Bead
Z1 — 50
Ω 1.5 cm
Z2 — 30
Ω 2.5 cm
Z3 — 50
Ω 2.0 cm
Z4 — 50
Ω 1.2 cm
Z5, Z6 — 50
Ω 1.25 cm
Microstrip Elements —
ε r = 2.55



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com