Electronic Components Datasheet Search
  English  ▼

X  

PE85N1007 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE85N1007
Description  50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 17 dB From 10 MHz to 26 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1007 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE85N1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1007 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE85N1007 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Data
10
12
14
16
18
20
1
3
5
7
9
11
13
15
17
19
21
23
25
27
Freq.(GHz)
ENR
10
12
14
16
18
20
10
110
210
310
410
510
610
710
810
910
1010
Freq.(MHz)
ENR
PE85N1007 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 17 dB From 10 MHz
to 26 GHz PE85N1007
Noise Generators Technical Data Sheet
PE85N1007
50 Ohm BNC Medium Power Noise Source With A Noise
Output ENR Of 17 dB From 10 MHz to 26 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com