Electronic Components Datasheet Search
  English  ▼

X  

PE85N1021 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE85N1021
Description  50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1021 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE85N1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• 10 MHz to 6 GHz Frequency Range
• Output Noise ENR 15 dB min
• Flatness 2.0 dB typ
• 28 VDC Operation
• Small Size 1.25” by 0.75” by 0.50”
Applications
• Measure Noise Figure
• Signal Strength Calibrators
• Radar
• Jamming
• SATCOM for BER and NF
• Source of Jitter
.
Description
The PE85N1021 is a coaxial Noise Source with 15 dB min of Output Noise ENR. The Unit features flatness better than +/- 1.5
dB over the frequency range 10 MHz to 6 GHz. The unit has an BNC Female DC Input Connector and an SMA Female RF
Output Connector. Standard operation is from +28 Vdc with a 20 mA maximum current draw. The Noise Source ideal for
noise figure measurements and built in test applications. The unit features a small profile housing of 1.25” by 0.75” by 0.50”
excluding connectors, ideal when space is at a premium.
Electrical Specifications
RF Characteristics
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.01
6
GHz
Impedance
50
Ohms
Output ENR
15
dB
Flatness
±1.5
dB
VSWR
1.35:1
Output Variation vs Input Voltage
0.1
dB/%V
Output Variation vs Temperature
0.01
dB/deg C
Bias Voltage 1
28
Volts
Input Current 1
25
mA
Calibration Points
1 GHz Step
.
Mechanical Specifications
Size
Length
1.25 in [31.75 mm]
Width/Dia.
0.75 in [19.05 mm]
Height
0.5 in [12.7 mm]
.
.
Package Type
Connectorized Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz
to 6 GHz PE85N1021
PE85N1021 REV 1.0
50 Ohm BNC Medium Power Noise Source With A Noise
Output ENR Of 15 dB From 10 MHz to 6 GHz
Noise Generators Technical Data Sheet
PE85N1021


Similar Part No. - PE85N1021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1020 PASTERNACK-PE85N1020 Datasheet
410Kb / 6P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 30 dB From 0.01 MHz to 2 GHz
PE85N1022 PASTERNACK-PE85N1022 Datasheet
391Kb / 5P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 1 GHz to 18 GHz
More results

Similar Description - PE85N1021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1003 PASTERNACK-PE85N1003 Datasheet
413Kb / 6P
50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 26 dB From 10 MHz to 6 GHz
PE85N1006 PASTERNACK-PE85N1006 Datasheet
405Kb / 6P
50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 18 GHz
PE85N1007 PASTERNACK-PE85N1007 Datasheet
405Kb / 6P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 17 dB From 10 MHz to 26 GHz
PE85N1019 PASTERNACK-PE85N1019 Datasheet
410Kb / 6P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 0.01 MHz to 2 GHz
PE85N1020 PASTERNACK-PE85N1020 Datasheet
410Kb / 6P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 30 dB From 0.01 MHz to 2 GHz
PE85N1022 PASTERNACK-PE85N1022 Datasheet
391Kb / 5P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 1 GHz to 18 GHz
PE8500 PASTERNACK-PE8500_13 Datasheet
241Kb / 3P
50 Ohm BNC Medium Power Noise Source Power Noise Source With A Noise Output ENR Of 15.5 dB From 1 GHz to 2 GHz
PE8501 PASTERNACK-PE8501_13 Datasheet
207Kb / 3P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15.5 dB From 2 GHz to 4 GHz
PE8502 PASTERNACK-PE8502_13 Datasheet
207Kb / 3P
50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 4 GHz to 8 GHz
PE8504 PASTERNACK-PE8504_13 Datasheet
208Kb / 3P
50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 12 GHz to 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com