Electronic Components Datasheet Search
  English  ▼

X  

PE8302 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8302
Description  50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8302 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8302 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8302 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Frequency Range
4 GHz to 8 GHz
Design
Isolator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
4
8
GHz
Impedance
50
Ohms
Insertion Loss
0.6
dB
Forward Power
10
Watts
Reverse Power
10
Watts
Input VSWR
1.3:1
Isolation
18
dB
.
Mechanical Specifications
Size
Length
1.75 in [44.45 mm]
Width
1.17 in [29.72 mm]
Height
0.63 in [16 mm]
.
Body Material and Plating
Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2010
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PE8302
PE8302
PE8302 REV 1.0
50 Ohm SMA Isolator Operating From 4 GHz to
8 GHz And 10 Watts With 18 dB Isolation


Similar Part No. - PE8302

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8300 PASTERNACK-PE8300 Datasheet
248Kb / 1P
FERRITE ISOLAROT SMA FEMALE FREQUENCY RANGE: 1 TO 2 GHz
PE8301 PASTERNACK-PE8301 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 4 GHz And 1 Watts With 18 dB Isolation
PE8303 PASTERNACK-PE8303 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 7 GHz to 12.4 GHz And 1 Watts With 18 dB Isolation
PE8304 PASTERNACK-PE8304 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 8 GHz to 18 GHz And 1 Watts With 16 dB Isolation
PE8305 PASTERNACK-PE8305 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 11 GHz to 18 GHz And 1 Watts With 20 dB Isolation
More results

Similar Description - PE8302

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8315 PASTERNACK-PE8315 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 18 GHz And 10 Watts With 15 dB Isolation
PE8316 PASTERNACK-PE8316 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 8 GHz And 10 Watts With 15 dB Isolation
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8318 PASTERNACK-PE8318 Datasheet
164Kb / 2P
50 Ohm SMA Isolator Operating From 17.3 GHz to 22 GHz And 10 Watts With 20 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8301 PASTERNACK-PE8301 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 4 GHz And 1 Watts With 18 dB Isolation
PE8303 PASTERNACK-PE8303 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 7 GHz to 12.4 GHz And 1 Watts With 18 dB Isolation
PE8304 PASTERNACK-PE8304 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 8 GHz to 18 GHz And 1 Watts With 16 dB Isolation
PE8305 PASTERNACK-PE8305 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 11 GHz to 18 GHz And 1 Watts With 20 dB Isolation
PE8306 PASTERNACK-PE8306 Datasheet
161Kb / 2P
50 Ohm SMA Isolator Operating From 18 GHz to 26.5 GHz And 1 Watts With 17 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com