Electronic Components Datasheet Search
  English  ▼

X  

PE8426 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8426
Description  50 Ohm SMA Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8426 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8426 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8426 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Frequency Range
135 MHz to 175 MHz
Design
Circulator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
135
175
MHz
Impedance
50
Ohms
Insertion Loss
0.5
dB
Forward Power
150
Watts
Reverse Power
100
Watts
Input VSWR
1.3:1
Isolation
20
dB
.
Mechanical Specifications
Temperature
Operating Range
-30 to 70 deg C
Size
Length
3.7 in [93.98 mm]
Width
3.3 in [83.82 mm]
Height
1.2 in [30.48 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB
Isolation PE8426
PE8426
PE8426 REV 1.0
50 Ohm SMA Circulator Operating From 135 MHz to
175 MHz And 150 Watts With 20 dB Isolation


Similar Part No. - PE8426

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8421 PASTERNACK-PE8421 Datasheet
163Kb / 2P
50 Ohm N Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8422 PASTERNACK-PE8422 Datasheet
162Kb / 2P
50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8423 PASTERNACK-PE8423 Datasheet
164Kb / 2P
50 Ohm N Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
More results

Similar Description - PE8426

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8321 PASTERNACK-PE8321 Datasheet
315Kb / 2P
50 Ohm SMA Isolator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8322 PASTERNACK-PE8322 Datasheet
315Kb / 2P
50 Ohm N Isolator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8323 PASTERNACK-PE8323 Datasheet
315Kb / 2P
50 Ohm SMA Isolator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8325 PASTERNACK-PE8325 Datasheet
316Kb / 2P
50 Ohm SMA Isolator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8326 PASTERNACK-PE8326 Datasheet
315Kb / 2P
50 Ohm N Isolator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8427 PASTERNACK-PE8427 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8428 PASTERNACK-PE8428 Datasheet
317Kb / 2P
50 Ohm SMA Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8429 PASTERNACK-PE8429 Datasheet
318Kb / 2P
50 Ohm N Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8430 PASTERNACK-PE8430 Datasheet
318Kb / 2P
50 Ohm SMA Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8431 PASTERNACK-PE8431 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com