Electronic Components Datasheet Search
  English  ▼

X  

MS1402 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS1402
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1402 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS1402 Datasheet HTML 1Page - Microsemi Corporation MS1402 Datasheet HTML 2Page - Microsemi Corporation MS1402 Datasheet HTML 3Page - Microsemi Corporation MS1402 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 1
Copyright
 2000
MSC1613.PDF 2000-11-06
MS1402
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S
DI VI SI ON
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
The MS1402 is a 12.5 V Class C epitaxial silicon NPN planar
transistor designed primarily for UHF communications. This device
utilizes improved metallization to achieve infinite VSWR at rated
operating conditions.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"450 - 512 MHz
!"12.5 Volts
!"Efficiency 55%
!"
POUT = 2.0 W Min.
!"
GP = 10.0 dB Gain
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"UHF Mobile
Applications
ABSOLUTE MAXIMUM RATINGS (T
CASE
= 25°°°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
0.75
A
PDISS
Power Dissipation
5
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
35
°C/W


Similar Part No. - MS1402

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results

Similar Description - MS1402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1077 MICROSEMI-MS1077 Datasheet
101Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1510 MICROSEMI-MS1510 Datasheet
486Kb / 5P
RF & MICROWAVE TRANSISTORS
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1014-02 MICROSEMI-SD1014-02 Datasheet
193Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1143 MICROSEMI-SD1143 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1144 MICROSEMI-SD1144 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS652 ADPOW-MS652 Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
logo
New Jersey Semi-Conduct...
SD1541-01 NJSEMI-SD1541-01 Datasheet
188Kb / 3P
RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com