Electronic Components Datasheet Search
  English  ▼

X  

MS1403 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS1403
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1403 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS1403 Datasheet HTML 1Page - Microsemi Corporation MS1403 Datasheet HTML 2Page - Microsemi Corporation MS1403 Datasheet HTML 3Page - Microsemi Corporation MS1403 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 2
Copyright
 2000
MSCXXXX.PDF 2000-11-26
MS1403
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S DI VI SI ON
STATIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°°°C)
MS1403
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCES
I
C = 5 mA
V
BE = 0 V
36
V
BVCEO
I
C = 25 mA
I
B = 0 mA
16
V
BVEBO
I
E = 1 mA
I
C = 0 mA
4.0
V
ICER
V
CE =10 V
R
BE = 80Ώ
0.5
mA
ICBO
V
CB =15 V
I
E = 0 mA
1.0
mA
hFE
V
CE = 5 V
I
C = 100 mA
40
200
DYMANIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°°°C)
MS1403
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 150 MHz
VCC = 7.5 V
1.4
W
GP
f = 150 MHz
VCC = 7.5 V
11.5
dB
COB
f = 1 MHz
VCB = 7.5 V
6.5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com