Electronic Components Datasheet Search
  English  ▼

X  

MS1578 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS1578
Description  RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1578 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS1578 Datasheet HTML 1Page - Microsemi Corporation MS1578 Datasheet HTML 2Page - Microsemi Corporation MS1578 Datasheet HTML 3Page - Microsemi Corporation MS1578 Datasheet HTML 4Page - Microsemi Corporation MS1578 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC0890.PDF 01-20-99
MS1578
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 50 mA
VBE = 0 V
60
BVCER
IC = 100 mA
RBE = 75
Ω
Ω
35
---
---
V
BVCEO
IC = 100 mA
IB = 0 mA
28
---
---
V
BVEBO
IE = 10 mA
IC = 0 mA
3.5
---
---
V
ICEO
VCE = 30 V
VBE = 0 V
---
---
10
mA
hFE
VCE = 5 V
IC = 6 A
25
---
120
Tested per side
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GP*
VCC = 26 Vdc
POUT = 150 W PEP ICQ = 2 x 200 mA
8.5
9.0
---
dB
V
V
C*
VCC = 26 Vdc
POUT = 150 W PEP ICQ = 2 x 200 mA
30
---
---
%
IMD
VCC = 26 Vdc
POUT = 150 W PEP ICQ = 2 x 200 mA
---
-32
-28
dBc
LOAD*
MISMATCH
VCC = 26 Vdc
POUT = 150 W PEP ICQ = 2 x 200 mA
VSWR = 5:1 @ all phase angles
*Note: f1 = 900.0 MHz
f2 = 900.1 MHz
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
800 MHz
4.25 + j12.25
5.75 - j4.25
860 MHz
4.75 + j10.25
5.00 - j3.00
900 MHz
7.75 + j10.25
4.25 - j2.90
960 MHz
8.50 + j 9.50
3.40 - j2.85
1000 MHz
8.50 + j13.25
2.75 - j3.15
POUT = 150W PEP
VCE=26V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com