Electronic Components Datasheet Search
  English  ▼

X  

BAS40LP Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BAS40LP
Description  DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAS40LP Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BAS40LP_15 Datasheet HTML 1Page - GOOD-ARK Electronics BAS40LP_15 Datasheet HTML 2Page - GOOD-ARK Electronics BAS40LP_15 Datasheet HTML 3Page - GOOD-ARK Electronics BAS40LP_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS40LP
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
1 / 4
FEATURES
Low Forward Voltage Drop
Fast Switching
Ultra-Small Leadless Surface Mount Package
PN Junction Guard Ring for Transient and ESD
Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1
& 2)
MECHANICAL DATA
Case: DFN1006-2
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating
94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Dot
Terminals: Finish - NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method
208
Weight: 0.001 grams (approximate)
MARKETS
Mobile Handsets
MP3 Players
Digital Camera and Camcorders
Notebook PCs & PDAs
GPS
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.goodark.com for more information about Good-
Ark’s definitions of Halogen and Antimony-free, "Green" and
Lead-free.
3. For packaging details, go to our website at http://www.goodark.com.
Maximum Ratings (Ta=25℃ unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
IF
Forward Continuous Current
200
mA
IFSM
Forward Surge Current @ t < 1.0s
600
mA
Thermal Characteristics
Symbol
Parameter
Value
Unit
PD
Power Dissipation (Note 4)
250
mW
RθJA
Thermal Resistance, Junction to Ambient Air (Note 4)
400
℃/W
TJ
Operating Temperature Range
-55~+125
℃
TSTG
Storage Temperature Range
-65~+150
℃


Similar Part No. - BAS40LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40LP DIODES-BAS40LP_15 Datasheet
264Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 13
More results

Similar Description - BAS40LP_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BAT54LP GOOD-ARK-BAT54LP_15 Datasheet
378Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Jinan Jingheng (Group) ...
BAT54WS JINANJINGHENG-BAT54WS Datasheet
261Kb / 2P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
logo
GOOD-ARK Electronics
BAS40LP GOOD-ARK-BAS40LP Datasheet
373Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
BAT54LP GOOD-ARK-BAT54LP Datasheet
389Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
GA0603B1040 GOOD-ARK-GA0603B1040 Datasheet
474Kb / 3P
DFN 1.6X0.8-2L Plastic-Encapsulate Schottky Barrier Diode
RB520LP-30 GOOD-ARK-RB520LP-30 Datasheet
582Kb / 3P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
RB521LP-30 GOOD-ARK-RB521LP-30 Datasheet
572Kb / 3P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
RB751LP-40 GOOD-ARK-RB751LP-40 Datasheet
611Kb / 3P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Rectron Semiconductor
B581XWS RECTRON-B581XWS Datasheet
270Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
B5817WS RECTRON-B5817WS Datasheet
364Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com