Electronic Components Datasheet Search
  English  ▼

X  

PE5SC1001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5SC1001
Description  3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC1001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5SC1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s PE5SC1001 offers excellent performance characteristics that is specially designed for the fine-tuning
and calibration of sensitive test equipment in engineering labs, production environments, and quality testing facilities.
All of our calibration kits & components are built to withstand years of rigorous use and provide accurate RF equipment
calibration for the life of the product. Pasternack’s broad portfolio of test and measurement components offer users a
variety of options that are technically and economically suitable for a broad spectrum of RF applications and environments.
As a leading solutions provider of RF calibration instruments and compatible RF components, you can rely on Pasternack to
have all of the T&M products you need in-stock and available to ship same-day.
Features
•
Functional from DC to 26.5 GHz
•
See PE5CK1000 for full standard kit which includes
(9) 3.5mm short-open-load-thru (SOLT) components
•
Suitable for many 50 Ohm network
analyzers including, but not limited to:
•
Agilent / HP (N5222A/24A, N5225A/27A, N5232A,
N5234A/35A, N5242A/44A, N5245/47A)
•
Rohde & Schwarz (ZVB, ZNB)
•
Anritsu (MS2038C, MS2028C, MS2027C, MS4640B)
Applications
•
VNA, Full 2-Port CAL
•
VNA, Thru CAL
•
VNA, Substitution CAL Method
•
Test & Measurement
•
Lab Equipment Accessories
•
Engineering Test and Evaluation
•
General Purpose Test
and Evaluation
Configuration
Connector
3.5mm Male
Component Type
Short Circuit
Impedance
50 Ohms
Frequency Range
DC to 26.5 GHz
Description
Minimum
Typical
Maximum
Units
Frequency Range
GHz
Impedance
Ohm
Phase, DC - 3 GHz
0.65
Nominal
0.65
Degrees
Phase, 3 - 8 GHz
1.2
Nominal
1.2
Degrees
Phase, 8 - 26.5 GHz
2
Nominal
2
Degrees
Item
Units
Housing
Center Pin
Connector
Connector Screw Thread
Inch
Dimensions
Inch [mm]
Net Weight
g
Electrical Specifications
DC - 26.5
50
Mechanical Specifications
0.394 [10] ø, 0.973 [24.7] L
10.4
Description
Gold plated Copper
Gold plated Beryllium
50 Ohm 3.5mm Male
1/4"-36 UNS
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to
26.5 GHz PE5SC1001
PE5SC1001
PE5SC1001 REV 1.0
3.5mm Male General Purpose Calibration Kit Component
Short Circuit Operating From DC to 26.5 GHz


Similar Part No. - PE5SC1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1003 PASTERNACK-PE5SC1003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1004 PASTERNACK-PE5SC1004 Datasheet
419Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PE5SC1004 PASTERNACK-PE5SC1004 Datasheet
1Mb / 30P
TECHNICAL DATA SHEET
More results

Similar Description - PE5SC1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1003 PASTERNACK-PE5SC1003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2001 PASTERNACK-PE5SC2001 Datasheet
417Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2003 PASTERNACK-PE5SC2003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC3000 PASTERNACK-PE5SC3000 Datasheet
581Kb / 6P
3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC3004 PASTERNACK-PE5SC3004 Datasheet
578Kb / 6P
3.5mm Male General Purpose Calibration Kit Component Thru Operating From DC to 8.5 GHz
PE5TR1003 PASTERNACK-PE5TR1003 Datasheet
512Kb / 5P
3.5mm Male General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com