Electronic Components Datasheet Search
  English  ▼

X  

PE71S2013 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE71S2013
Description  2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2013 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE71S2013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2013 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE71S2013 CAD Drawing
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To +27 dBm
PE71S2013 REV 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com