Electronic Components Datasheet Search
  English  ▼

X  

PE2070 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2070
Description  50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2070 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2070 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2070 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
Configuration
Input Connector
SMA Female
Frequency Range, MHz
2 to 500
Number of Output Ports
2
Electrical Specifications
Frequency Range, MHz
2 to 500
Impedance, Ohms
50
Maximum Insertion Loss, dB
1
Maximum Input Power, Watts
1
Maximum Input VSWR
1.35:1
Minimum Isolation, dB
25
Phase Balance, Degrees
±
2
Flatness, dB
0.3
Mechanical Specifications
Size
Length, in [mm]
2.48 [62.99]
Width, in [mm]
1.675 [42.55]
Height, in [mm]
0.935 [23.75]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts PE2070
URL: http://www.pasternack.com/2-way-sma-reactive-power-divider-2-mhz-500-mhz-10-watts-pe2070-p.aspx
PE2070
PE2070 REV 1.1
50 Ohm 2 Way SMA Power Divider From
2 MHz to 500 MHz Rated at 1 Watts


Similar Part No. - PE2070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2071 PASTERNACK-PE2071 Datasheet
74Kb / 1P
N FEMALE POWER DIVIDER 2-WAY 800-2500 MHz
PE2072 PASTERNACK-PE2072 Datasheet
125Kb / 1P
N FEMALE POWER DIVIDER 3-WAY 800-2500MHz
PE2073 PASTERNACK-PE2073 Datasheet
124Kb / 1P
N FEMALE POWER DIVIDER 4-WAY 800-2500 MHZ
PE2074 PASTERNACK-PE2074 Datasheet
123Kb / 1P
SMA Female Power Divider 2-way 800-2500MHz
PE2075 PASTERNACK-PE2075 Datasheet
127Kb / 1P
SMA Female Power Divider 4-way 800-2500MHz
More results

Similar Description - PE2070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2061 PASTERNACK-PE2061 Datasheet
210Kb / 2P
75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com