Electronic Components Datasheet Search
  English  ▼

X  

PE2096 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2096
Description  50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2096 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2096 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2096 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Input Connector
SMA Female
Input Connector Specification
MIL-STD-348
Output Connectors
SMA Female
Output Connectors Specification
MIL-STD-348
Frequency Range
2 to 18 GHz
Design
Wilkinson
Number of Output Ports
2
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
18
GHz
Impedance
50
Ohms
Insertion Loss
1
dB
Input Power
10
Watts
Input VSWR
1.5:1
Isolation
17
dB
Phase Balance
± 6
Degrees
Flatness
0.4
dB
.
Mechanical Specifications
Temperature
Operating Range
-30 to +70 deg C
Size
Length
2.76 in 70.1 mm
Width
1.5 in 38.1 mm
Height
0.38 in 9.65 mm
.
Connectors
Description
Input Connector
Output Connectors
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2096
PE2096
PE2096 REV 1.0
50 Ohm 2 Way SMA Wilkinson Power Divider
From 2 GHz to 18 GHz Rated at 10 Watts


Similar Part No. - PE2096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2090 PASTERNACK-PE2090 Datasheet
520Kb / 3P
50 Ohm 3 Way SMA Wilkinson Power Divider
PE2091 PASTERNACK-PE2091 Datasheet
259Kb / 3P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE2092 PASTERNACK-PE2092 Datasheet
259Kb / 3P
50 Ohm 2 Way N Wilkinson Power Divider
PE2093 PASTERNACK-PE2093 Datasheet
261Kb / 3P
50 Ohm 3 Way N Wilkinson Power Divider
PE2094 PASTERNACK-PE2094 Datasheet
261Kb / 3P
50 Ohm 4 Way N Wilkinson Power Divider
More results

Similar Description - PE2096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2078 PASTERNACK-PE2078 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2079 PASTERNACK-PE2079 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.4mm Power Divider From 10 GHz to 50 GHz Rated at 10 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com