Electronic Components Datasheet Search
  English  ▼

X  

2035 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2035
Description  DC Full/Half Step Drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2035 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2035 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2035 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2035 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2035 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Number:
2035
Part Number:
1000-052
Supply Voltage:
12-35 VDC
Supply Voltage Type:
DC
Control Modes:
Step & Direction
Output Current:
0.125-2.0 A/phase
Encoder Feedback:
No
Step Resolution:
Full
Half
Idle Current
Reduction:
50%
Setup Method:
Switch / potentiometer
Digital Inputs:
3
Dimensions:
4.0 x 3.0 x 1.5 inches
Weight:
9 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-50 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red (power)
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com