Electronic Components Datasheet Search
  English  ▼

X  

HT17-071 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT17-071
Description  NEMA 17 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT17-071 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT17-071 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT17-071 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT17-071 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
HT17-071
Frame Size:
NEMA 17
Motor Type:
High torque
Part Number w/Double
Shaft:
HT17-071D
Part Number
w/Encoder:
HT17-071D-WAA
Motor Length:
1.54 inches
Number of Lead
Wires:
8
Lead Wire
Configuration:
flying leads, no connector
Lead Wire/Cable
Length:
12 inches inches
Lead Wire Gauge:
26 AWG
Unipolar Holding
Torque:
33.3 oz-in
Bipolar Holding
Torque:
47.1 oz-in
Step Angle:
1.8 deg
Bipolar Series
Current:
0.85 A/phase
Bipolar Series
Resistance:
6.6 Ohms/phase
Bipolar Series
Inductance:
14.4 mH/phase
Bipolar Parallel
Current:
1.70 A/phase
Bipolar Parallel
Resistance:
1.7 Ohms/phase
Bipolar Parallel
Inductance:
3.6 mH/phase
Unipolar Current:
1.20 A/phase
Unipolar Resistance:
3.3 Ohms/phase
Unipolar Inductance:
3.6 mH/phase
Rotor Inertia:
7.65E-04 oz-in-sec
Integral Gearhead:
No
Weight:
0.57 lbs
Storage Temperature:
-40 to 70 °C
Specifications
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com