Electronic Components Datasheet Search
  English  ▼

X  

HT17-274 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT17-274
Description  NEMA 17 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT17-274 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT17-274 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT17-274 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT17-274 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
HT17-274
Frame Size:
NEMA 17
Motor Type:
High torque
Part Number w/Double
Shaft:
HT17-274D
Part Number
w/Encoder:
HT17-274D-WAA
Motor Length:
1.57 inches
Number of Lead
Wires:
8
Lead Wire
Configuration:
flying leads, no connector
Lead Wire/Cable
Length:
12 inches inches
Lead Wire Gauge:
26 AWG
Unipolar Holding
Torque:
36.8 oz-in
Bipolar Holding
Torque:
51.0 oz-in
Step Angle:
1.8 deg
Bipolar Series
Current:
0.14 A/phase
Bipolar Series
Resistance:
240 Ohms/phase
Bipolar Series
Inductance:
424 mH/phase
Bipolar Parallel
Current:
0.28 A/phase
Bipolar Parallel
Resistance:
60.0 Ohms/phase
Bipolar Parallel
Inductance:
106 mH/phase
Unipolar Current:
0.20 A/phase
Unipolar Resistance:
120 Ohms/phase
Unipolar Inductance:
106 mH/phase
Rotor Inertia:
8.07E-04 oz-in-sec
Integral Gearhead:
No
Weight:
0.6 lbs
Storage Temperature:
-30 to 70 °C
Specifications
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com