Electronic Components Datasheet Search
  English  ▼

X  

HT23-600 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HT23-600
Description  NEMA 23 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT23-600 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HT23-600 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT23-600 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT23-600 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HT23-600
Part No. w/ Single Shaft
HT23-600D
Part No. w/ Double Shaft
HT23-600D-ZAA
Part No. w/ Encoder
1pc.
$105.00
$105.00
$231.00
25pc.
$90.30
$90.30
$198.66
50pc.
$78.75
$78.75
$173.25
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Operating
Temperature:
-20 to 50 °C
Insulation Class:
Class B (130 ºC)
Shaft Run Out:
0.001 inch T.I.R. max
Radial Play:
0.001 inch max w/ 1.1 lb load
End Play:
0.003 inch max w/ 1.1 lb load
Perpendicularity:
0.004 inches
Concentricity:
0.002 inches
Family Datasheet:
StepMotorWiring-8-lead-striped.pdf
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/HT23-600.pdf
2D Drawing:
23HT76D_3D.pdf
HT23-600 RevC.pdf
HT23-600D-ZAA_RevA.pdf
3D Drawing:
23HT76D.igs
HT23_76mm_w_ZAA_encoder.igs
Downloads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com