Electronic Components Datasheet Search
  English  ▼

X  

HT34-489 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HT34-489
Description  NEMA 34 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT34-489 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HT34-489 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT34-489 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT34-489 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HT34-489
Part No. w/ Single Shaft
HT34-489D
Part No. w/ Double Shaft
HT34-489D-YAA
Part No. w/ Encoder
1pc.
$423.00
$423.00
$549.00
25pc.
$363.78
$363.78
$472.14
50pc.
$317.25
$317.25
$411.75
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Operating
Temperature:
-20 to 50 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
42 lbs
Maximum Thrust
Load:
33 (2.2 w/ encoder) lbs
Shaft Run Out:
0.002 inch T.I.R. max
Radial Play:
0.001 inch max w/ 1.1 lb load
End Play:
0.003 inch max w/ 2.2 lb load
Perpendicularity:
0.003 inches
Concentricity:
0.003 inches
Family Datasheet:
StepMotorWiring-8-lead-cabled-solid.pdf
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/HT34-489.pdf
2D Drawing:
HT34-489_RevK.pdf
HT34-489D-YAA_RevB.pdf
3D Drawing:
34HT117D.igs
HT34-489D_117mm_YAA_Enc.igs
Speed-Torque Curves:
STAC6_speed-torque.pdf
Downloads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com