Electronic Components Datasheet Search
  English  ▼

X  

PE6201 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6201
Description  1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6201 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6201 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6201 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz
Configuration
RF Load Design
Precision
Connector
WR-62
Heat Sink
Aluminum
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
12.4 to 18
Impedance, Ohms
50
Maximum VSWR
1.05:1
Maximum Input Power, Watts
1.5
Mechanical Specifications
Size
Length, in [mm]
4.015 [101.98]
Width/Dia., in [mm]
1.313 [33.35]
Height, in [mm]
1.313 [33.35]
.
Color
Gray
Connector
Type
WR-62
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz PE6201
URL: http://www.pasternack.com/1.5-watts-wr-62-rf-load-12.4-18-ghz-precision-pe6201-p.aspx
PE6201
PE6201 REV 1.0
1.5 Watts Low Power Precision WR-62 RF
Load 12.4 GHz to 18 GHz


Similar Part No. - PE6201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6202 PASTERNACK-PE6202 Datasheet
244Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
PE6202 PASTERNACK-PE6202 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
More results

Similar Description - PE6201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
1.5 Watts WR-62 RF Load Up To 18 GHz
PE6806 PASTERNACK-PE6806 Datasheet
205Kb / 2P
2 Watts WR-90 RF Load Up To 12.4 GHz
PE6813 PASTERNACK-PE6813 Datasheet
206Kb / 2P
1.5 Watts Precision WR-62 RF Load Up To 18 GHz
PE6815 PASTERNACK-PE6815 Datasheet
205Kb / 2P
2 Watts Precision WR-90 RF Load Up To 12.4 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6824 PASTERNACK-PE6824 Datasheet
206Kb / 2P
90 Watts WR-90 RF Load Up To 12.4 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com