Electronic Components Datasheet Search
  English  ▼

X  

PE6836 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6836
Description  60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6836 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6836 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6836 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
WR-62
Heat Sink
Aluminum
Mount Method
Square Cover
Electrical Specifications
Frequency Range, GHz
12.4 to 18
Impedance, Ohms
50
Maximum VSWR
1.07:1
Maximum Input Power, Watts
60
Mechanical Specifications
Size
Length, in [mm]
4 [101.6]
Width/Dia., in [mm]
1.313 [33.35]
Height, in [mm]
1.313 [33.35]
.
Color
Blue
Connector
Type
WR-62
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz PE6836
URL: http://www.pasternack.com/60-watts-wr-62-rf-load-12.4-18-ghz-pe6836-p.aspx
PE6836
PE6836 REV 1.0
60 Watts Medium Power WR-62 Waveguide
Load 12.4 GHz to 18 GHz


Similar Part No. - PE6836

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
More results

Similar Description - PE6836

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
1.5 Watts WR-62 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6201 PASTERNACK-PE6201 Datasheet
207Kb / 2P
1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com