Electronic Components Datasheet Search
  English  ▼

X  

HT34-506C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT34-506C
Description  NEMA 34 Step Motor with 10 Foot Shielded Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT34-506C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT34-506C Datasheet HTML 1Page - List of Unclassifed Manufacturers HT34-506C Datasheet HTML 2Page - List of Unclassifed Manufacturers HT34-506C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
HT34-506C
Frame Size:
NEMA 34
Motor Type:
High torque
Part Number w/Double
Shaft:
HT34-506DC
Part Number
w/Encoder:
HT34-506DC-YAA
Part Number
w/Encoder & Cover:
HT34-506DC-YAC
Motor Length:
4.94 inches
Number of Lead
Wires:
8
Lead Wire
Configuration:
shielded cable, no connector
Lead Wire/Cable
Length:
120 inches
Lead Wire Gauge:
22 AWG
Unipolar Holding
Torque:
906 oz-in
Bipolar Holding
Torque:
1260 oz-in
Step Angle:
1.8 deg
Bipolar Series
Current:
2.8 A/phase
Bipolar Series
Resistance:
2.6 Ohms/phase
Bipolar Series
Inductance:
21.6 mH/phase
Bipolar Parallel
Current:
5.6 A/phase
Bipolar Parallel
Resistance:
0.63 Ohms/phase
Bipolar Parallel
Inductance:
5.4 mH/phase
Unipolar Current:
4.0 A/phase
Unipolar Resistance:
1.29 Ohms/phase
Unipolar Inductance:
5.4 mH/phase
Rotor Inertia:
0.0387 oz-in-sec
Integral Gearhead:
No
Weight:
8.4 lbs
Specifications
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com