Electronic Components Datasheet Search
  English  ▼

X  

DCHBA2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBA2
Description  2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBA2 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA2 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev C
DCHBA2 SERIES
2 Watts
Medical Isolated DC/DC Power Converter
Non-Regulated Single & Dual Outputs
10/20/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
DCHBA2-15S33H6
15VDC
(13.5~16.5VDC)
3.3VDC
25mA
178mA
200mVp-p
600mA
2W
3300µF
78%
DCHBA2-15S05H6
5VDC
175mA
400mA
1200µF
80%
DCHBA2-15S72H6
7.2VDC
171mA
278mA
1200µF
82%
DCHBA2-15S09H6
9VDC
169mA
222mA
1200µF
83%
DCHBA2-15S12H6
12VDC
167mA
167mA
680µF
84%
DCHBA2-15S15H6
15VDC
165mA
132mA
680µF
85%
DCHBA2-24S33H6
24VDC
(21.6~26.4VDC)
3.3VDC
20mA
111mA
200mVp-p
600mA
2W
3300µF
78%
DCHBA2-24S05H6
5VDC
110mA
400mA
1200µF
80%
DCHBA2-24S72H6
7.2VDC
113mA
278mA
1200µF
78%
DCHBA2-24S09H6
9VDC
113mA
222mA
1200µF
78%
DCHBA2-24S12H6
12VDC
113mA
167mA
680µF
78%
DCHBA2-24S15H6
15VDC
111mA
132mA
680µF
79%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
Output Current
@Full Load
Output
Power
Maximum
Capacitive Load
Efficiency
Min Load
Max Load
DCHBA2-5D33H6
5VDC
(4.5~5.5VDC)
±3.3VDC
70mA
535mA
200mVp-p
±300mA
2W
±1500µF
78%
DCHBA2-5D05H6
±5VDC
526mA
±200mA
±470µF
80%
DCHBA2-5D72H6
±7.2VDC
526mA
±139mA
±470µF
80%
DCHBA2-5D09H6
±9VDC
519mA
±111mA
±470µF
81%
DCHBA2-5D12H6
±12VDC
519mA
±85mA
±330µF
81%
DCHBA2-5D15H6
±15VDC
513mA
±66mA
±330µF
82%
DCHBA2-12D33H6
12VDC
(10.8-13.2VDC)
±3.3VDC
30mA
217mA
200mVp-p
±300mA
2W
±1500µF
80%
DCHBA2-12D05H6
±5VDC
213mA
±200mA
±470µF
82%
DCHBA2-12D72H6
±7.2VDC
211mA
±139mA
±470µF
83%
DCHBA2-12D09H6
±9VDC
208mA
±111mA
±470µF
84%
DCHBA2-12D12H6
±12VDC
208mA
±85mA
±330µF
84%
DCHBA2-12D15H6
±15VDC
206mA
±66mA
±330µF
85%
DCHBA2-15D33H6
15VDC
(13.5~16.5VDC)
±3.3VDC
25mA
174mA
200mVp-p
±300mA
2W
±1500µF
80%
DCHBA2-15D05H6
±5VDC
171mA
±200mA
±470µF
82%
DCHBA2-15D72H6
±7.2VDC
169mA
±139mA
±470µF
83%
DCHBA2-15D09H6
±9VDC
167mA
±111mA
±470µF
84%
DCHBA2-15D12H6
±12VDC
167mA
±85mA
±330µF
84%
DCHBA2-15D15H6
±15VDC
165mA
±66mA
±330µF
85%
DCHBA2-24D33H6
24VDC
(21.6~26.4VDC)
±3.3VDC
20mA
113mA
200mVp-p
±300mA
2W
±1500µF
77%
DCHBA2-24D05H6
±5VDC
110mA
±200mA
±470µF
80%
DCHBA2-24D72H6
±7.2VDC
114mA
±139mA
±470µF
77%
DCHBA2-24D09H6
±9VDC
113mA
±111mA
±470µF
78%
DCHBA2-24D12H6
±12VDC
110mA
±85mA
±330µF
80%
DCHBA2-24D15H6
±15VDC
111mA
±66mA
±330µF
79%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com