Electronic Components Datasheet Search
  English  ▼

X  

DTEM1024 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTEM1024
Description  16 - 36 Watts Medical AC - DC Desktop Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTEM1024 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTEM1024 Datasheet HTML 1Page - Wall Industries,Inc. DTEM1024 Datasheet HTML 2Page - Wall Industries,Inc. DTEM1024 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev B
DTEM1024 SERIES
16~36 Watts
Medical AC/DC Desktop Power Supplies
09/22/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
IEC-320-C14
IEC-320-C8
IEC-320-C6
IEC-320-C18
Size: 3.94 x 1.77 x 1.22
inches
Size: 3.94 x 1.77 x 1.22 inches
Size: 3.94 x 1.77 x 1.22 inches
Size: 3.94 x 1.77 x 1.22
inches
FEATURES
• Single Outputs
• RoHS & WEEE Compliance
• Efficiency Meets CEC Level V, VI
• Short Circuit & Over Voltage Protection
• IEC-320-C14, IEC-320-C8, IEC-320-C6, & IEC-320-C18
AC Inlets Available
• UL/cUL 60601: 3rd Edition Medical Approvals
• TUV/SUD EN/IEC 606001 approvals for Class II
• 100~240VAC Input Voltage Range
• MTBF > 30,000 Hours
• Optional Output Connectors Available
• CB, CE, FCC approvals
DESCRIPTION
The DTEM1024 series of medical AC/DC desktop power supplies provides up to 36 Watts of continuous output power in a 3.94” x 1.77” x 1.22”
package. All models have a single output and a wide input voltage range of 100~240VAC. This series is RoHS and WEEE compliant and meets
CEC Level V, VI requirements. This series also has UL/cUL 60601 and TUV/SUD EN/IEC 60601 3rd edition (for class II) medical approvals. All
models are protected against short circuit and over voltage conditions. Four AC inlet connector types are available for this series: IEC-320-C14,
IEC-320-C8, IEC-320-C6, and IEC-320-C18. Optional output connectors are also available please call factory for ordering details.
MODEL SELECTION TABLE
Model Number (1)
Input Voltage
Range
Output Voltage (2)
Output Current
Load
Regulation
Line
Regulation(3)
Ripple & Noise (4) Output Power
Min
Max
DTEM1024Ax
100 ~ 240 VAC
5 ~ 8 VDC
0A
2.0A
±5%
±1%
100mVp-p
16W
DTEM1024Bx
5 ~ 8 VDC
0A
3.0A
±5%
±1%
100mVp-p
20W
DTEM1024Cx
5 ~ 8 VDC
0A
4.0A
±5%
±1%
100mVp-p
24W
DTEM1024Dx
9 ~ 11 VDC
0A
1.5A
±5%
±1%
250mVp-p
18W
DTEM1024Ex
9 ~ 11 VDC
0A
2.0A
±5%
±1%
250mVp-p
24W
DTEM1024Fx
9 ~ 11 VDC
0A
3.0A
±5%
±1%
250mVp-p
27W
DTEM1024Gx
12 ~ 17 VDC
0A
1.66A
±5%
±1%
250mVp-p
20W
DTEM1024Hx
12 ~ 17 VDC
0A
2.5A
±5%
±1%
250mVp-p
30W
DTEM1024Jx
18 ~ 24 VDC
0A
1.33A
±5%
±1%
350mVp-p
24W
DTEM1024Kx
18 ~ 24 VDC
0A
1.66A
±5%
±1%
350mVp-p
30W
DTEM1024Mx
36 ~ 48 VDC
0A
0.55A
±5%
±1%
480mVp-p
20W
DTEM1024Nx
36 ~ 48 VDC
0A
0.83A
±5%
±1%
480mVp-p
30W
DTEM1024Px
12V
0A
3.0A
±5%
±1%
250mVp-p
36W
DTEM1024Qx
12V
0A
2.0A
±5%
±1%
250mVp-p
24W
DTEM1024Rx
24V
0A
1.5A
±5%
±1%
350mVp-p
36W
NOTES
1. The “x” in the model number represents the type of AC inlet connector: “x” can be “1” for IEC-320-C14 type, “2” for IEC-320-C8 type, “3” for IEC-
320-C6, or “6” for IEC-320-C18 type.
2. The output voltage is specified as a range (Ex: 36~48 VDC); the customer must specify what they want the voltage set at.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Ripple and Noise is measured at nominal line and full load with 20MHz bandwidth and a 0.1µF ceramic capacitor and 47µF aluminum
capacitors in parallel across the output.
5. LED option available.
6. Optional output connectors are available. Please call factory for ordering details.


Similar Part No. - DTEM1024

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1036 WALL-DTEM1036 Datasheet
265Kb / 4P
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036A1 WALL-DTEM1036A1 Datasheet
265Kb / 4P
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036A2 WALL-DTEM1036A2 Datasheet
265Kb / 4P
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036A3 WALL-DTEM1036A3 Datasheet
265Kb / 4P
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036B1 WALL-DTEM1036B1 Datasheet
265Kb / 4P
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
More results

Similar Description - DTEM1024

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
logo
Tumbler Technologies + ...
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
logo
Wall Industries,Inc.
DTAM165 WALL-DTAM165 Datasheet
89Kb / 3P
Up to 165 Watts, Medical AC - DC Desktop Power Supplies
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
100 - 130 Watts, AC - DC Medical Desktop Power Supplies
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMIPEM1024 WALL-WMIPEM1024 Datasheet
261Kb / 3P
16 - 36 Watts, Medical AC - DC Wall Mount Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com