Electronic Components Datasheet Search
  English  ▼

X  

DTEM1024Ax Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTEM1024Ax
Description  16 - 36 Watts Medical AC - DC Desktop Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTEM1024Ax Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTEM1024Ax Datasheet HTML 1Page - Wall Industries,Inc. DTEM1024Ax Datasheet HTML 2Page - Wall Industries,Inc. DTEM1024Ax Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev B
DTEM1024 SERIES
16~36 Watts
Medical AC/DC Desktop Power Supplies
09/22/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
TECHNICAL SPECIFICATIONS: DTEM1024 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
100
240
VAC
Input Frequency
50
60
Hz
Input Current
0.5
1
A
Inrush Current
Cold start
60
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Defined by changing ±10% of input voltage from
nominal line at rated load
-1
+1
%
Load Regulation
-5
+5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
A
Ripple & Noise (20MHz BW)
Measured at nominal line and full load with 0.1µF
ceramic and 47µF aluminum capacitors in parallel
See Table
Hold-up Time
8.3
ms
Turn-on Time
3
s
PROTECTION
Over Voltage Protection
Automatic recovery
Short Circuit Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency
Meet CEC Level V, VI
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0
+40
°C
Storage Temperature
-20
+85
°C
Operating Humidity
10
90
%
Storage Humidity
5
95
%
Cooling
Free air convection
MTBF
30,000
hours
PHYSICAL SPECIFICATIONS
Weight
7.05oz (200g)
Dimensions (L x W x H)
3.94 x 1.77 x 1.22 inches (100 x 45 x 31
mm)
AC Inlet Connector
Suffix “1”
IEC-320-C14
Suffix “2”
IEC-320-C8
Suffix “3”
IEC-320-C6
Suffix “6”
IEC-320-C18
Output Connectors
Call factory for ordering details
Several options available
SAFETY & COMPLIANCE
Safety Approvals
UL/cUL UL60601: 3rd edition
For class II only
TUV/SUD EN/IEC 60601-1: 3rd edition
CB, CE, and FCC
Compliance
RoHS, WEEE, CEC Level V, VI



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com