Electronic Components Datasheet Search
  English  ▼

X  

PSHBU58 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSHBU58
Description  60 Watts AC - DC Medical Open Frame Power Supplies Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHBU58 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSHBU58 Datasheet HTML 1Page - Wall Industries,Inc. PSHBU58 Datasheet HTML 2Page - Wall Industries,Inc. PSHBU58 Datasheet HTML 3Page - Wall Industries,Inc. PSHBU58 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
PSHBU58 SERIES
60 Watts
AC/DC Medical Open Frame Power Supplies
Single Output
11/10/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Safety Approval Input Voltage Range
Safety Approval & Specification in Label
100
240
VAC
Input Operate Voltage Range
Derate linearly from 100% load at 90VAC to 80% load at 80VAC)
80
275
VAC
Input Frequency
Sine Wave
47
63
Hz
Input Current
Low Line
Full Load, Vin=100VAC
1.2
A
High Line
Full Load, Vin=240VAC
0.6
Inrush Current
Low Line
Full Load, 25ºC, Cool Start, Vin=100VAC
30
A
High Line
Full Load, 25ºC, Cool Start, Vin=100VAC
60
Safety Ground Leakage Current
Vin=240VAC, Fi=60Hz
0.25
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation(4)
Full Load, Vin=100~120VAC or 200~240VAC
1
%
Total Regulation
PSHBU58-102 – PSHBU58-107
±5
%
PSHBU58-108 – PSHBU58-112
±3
Output Power
60
W
Output Current
See Table
Ripple & Noise
See Table
Transient Response Time
Full Load, Vin=110VAC
4
ms
Start-Up Time
Full Load, Vin=100~240VAC
0.25
0.5
S
Hold-Up Time(7)
Full Load, Vin=100VAC
12
ms
Temperature Coefficient
All Conditions
±0.04
%/ºC
PROTECTION
Short Circuit Protection
Automatic Recovery
Over Load Protection
Recovers automatically after fault condition is removed
110
150
%
Over Voltage Protection
Crowbar Mode
110
275
%
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derate linearly from 100% load at 40ºC to 50% load at 70ºC
-10
70
ºC
Storage Temperature
10~95% RH
-40
85
ºC
Operating Humidity
Non-Condensing
0
95
% RH
Storage Humidity
0
95
% RH
Electro Static Discharge
Air Discharge, IEC61000-4-2
Contact Discharge, IEC61000-4-2
Operating Altitude
All Condition
3000
M
Vibration
10~500Hz, 10min./1cycle, 60min. each along X, Y, Z axes
5
G
Cooling
Free Air Convection
Flammability Rating
UL94V-1
Surge Voltage
Line-Neutral
1
kV
Line-PE & Neutral PE
2
MTBF
Operating Temperature at 25ºC, Calculated per MIL-HDBK-217F
100k
h
GENERAL SPECIFICATIONS
Efficiency
Full Load, Vin=230VAC
See Table
Insulation Resistance
50
M
Ω
Dielectric Withstanding Voltage
Primary to Secondary, limit current <10mA
4000
VAC
Primary to PE, limit current <10mA
1500
PHYSICAL SPECIFICATIONS
Weight
4.94oz (140g)
Dimensions (L x W x H)
4.00in x 1.50in x 1.04in
(101.6mm x 38.1mm x 26.5mm)
SAFETY
Safety Approvals
IEC60601-1 Edition 3.1
ES60601-1: 2005 (R1012)
CSAC22.2 NO.60601-1:14
EN60601-1:2006/A1:2013
EMC Emission
Compliance to EN55011 (CISPR11), EN60601-1-2
Class B
Protection Classes
Class I



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com