Electronic Components Datasheet Search
  English  ▼

X  

PSME15 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSME15
Description  85 - 264VAC (125 - 373VDC) Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSME15 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSME15 Datasheet HTML 1Page - Wall Industries,Inc. PSME15 Datasheet HTML 2Page - Wall Industries,Inc. PSME15 Datasheet HTML 3Page - Wall Industries,Inc. PSME15 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/05/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
PSME15 SERIES
85~264VAC (125~373VDC) Input Voltage Range
15 Watts, Encapsulated PCB Mount
Single Outputs, Isolation Class II
Medical AC/DC Switching Power Supplies
FEATURES
• Isolation Class II
• Fully Isolated Plastic Case
• Single Outputs
• 100% Full Load Burn-in Tested
• Cooling by Free Air Convection
• RoHS Compliant
• Energy Star Compliant
• 15 Watts Output Power
• Universal Input Voltage: 85~264VAC or 125~373VDC
• Withstand 2G Vibration Test
• All Using 105°C Long Life Electrolytic Capacitors
• -20°C ~ +70°C Wide Operating Temperature Range
• Green Design, No-Load Power Consumption < 0.3W
• Short Circuit, Over Load, Over Voltage, and Brown-out (Low AC
Input Voltage) Protection
• UL60601-1, TUV EN60601-1, and IEC60601-1 Medical Approvals
DESCRIPTION
The PSME15 series of Medical AC/DC switching power supplies provides 15 Watts of continuous output power in a 2.95”
x 2.09” x 0.89” encapsulated PCB mountable package. This series consists of 5V, 12V, 15V, and 24VDC output models
with a universal input voltage range of 85~264VAC or 125~373VDC. These power supplies are protected against short
circuit, over load, over voltage, and brown-out (low AC input voltage) conditions and have an MTBF of 206,300 hours
using MIL-HDBK-217F. This series also has UL60601-1, TUV EN60601-1, and IEC60601-1 medical approvals. All
models have been 100% full load burn-in tested and are RoHS and Energy Star compliant.
MEDICAL


Similar Part No. - PSME15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
Medical AC/DC Switching Power Supplies
PSME1200 WALL-PSME1200 Datasheet
889Kb / 7P
AC/DC Switching Power Supplies
More results

Similar Description - PSME15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
85 to 264VAC universal input
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
PSME20 WALL-PSME20 Datasheet
184Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
Universal input: 85 to 264VAC
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
Universal Input of 85~264VAC
logo
Bel Fuse Inc.
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com