Electronic Components Datasheet Search
  English  ▼

X  

RGW2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # RGW2
Description  2 - 1 Wide Input Voltage Range DIP and SMT Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RGW2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  RGW2 Datasheet HTML 1Page - Wall Industries,Inc. RGW2 Datasheet HTML 2Page - Wall Industries,Inc. RGW2 Datasheet HTML 3Page - Wall Industries,Inc. RGW2 Datasheet HTML 4Page - Wall Industries,Inc. RGW2 Datasheet HTML 5Page - Wall Industries,Inc. RGW2 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. B
RGW2 Series
Single & Dual Outputs
2:1 Input Voltage Range
2 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/23/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
SPECIFICATIONS: RGW2 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
5VDC nominal input models
4.5
5
9
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
5VDC nominal input models
15
12VDC nominal input models
25
24VDC nominal input models
50
Input Surge Voltage (1 sec max)
48VDC nominal input models
100
VDC
5VDC nominal input models
80
12VDC nominal input models
40
24VDC nominal input models
30
Input Reflected Ripple Current (See Note 6)
48VDC nominal input models
20
mAp-p
Input Filter
Capacitor type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Single Output Models
-1.0
+1.0
No load to full load
Dual Output Models
-1.0
+1.0
Single Output Models
-0.5
+0.5
Load Regulation
10% load to 90% load
Dual Output Models
-0.8
+0.8
%
Cross Regulation (Dual Output Models)
Asymmetrical load 25% to 100% full load
-5
+5
%
Voltage Accuracy
Full load an nominal Vin
-1
+1
%
Output Power
2
W
Output Current
See Table
Ripple & Noise (20MHz Bandwidth)
Nominal Vin and full load
30
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Power Up
5
Start-Up Time
Nominal Vin and constant resistive load
Remote ON/OFF
5
ms
Minimum Load
0
%
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
Nominal Vin and full load
See Table
Switching Frequency
Full load to minimum load
100
KHz
Standard
1600
Isolation Voltage (Input to Output)
Suffix “H”
3000
VDC
Isolation Resistance
10
GΩ
Standard
50
Isolation Capacitance
Suffix “H” (See Note 9)
50
pF
REMOTE ON/OFF (See Page 4 for application circuits)
DC/DC ON
Open or high impedance
Remote ON/OFF
DC/DC OFF
Control pin applied current 2 ~ 4mA max. (via 1KΩ)
Remote Off State Input Current
Nominal Vin
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
no derating
-40
+85
°C
Storage Temperature
-55
+125
°C
Relative Humidity (non-condensing)
5
90
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level (MSL)
IPC J-STD-033B; Level 2A
BELLCORE TR-NWT-000332
5,107,000 hours
MTBF (See Note 1)
MIL-HDBK-217F
2,886,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.16oz (4.5g)
Dimensions (L x W x H)
0.74 x 0.50 x 0.33 inches (18.9 x 12.8 x 8.4 mm)
SAFETY & EMC CHARACTERISTICS
Safety Approvals (Pending)
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 6)
EN55022
Class A
Air
±8KV
ESD
EN61000-4-2
Contact
±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 7)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 7)
EN61000-4-5
±1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com