Electronic Components Datasheet Search
  English  ▼

X  

WMM24 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # WMM24
Description  90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMM24 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  WMM24 Datasheet HTML 1Page - Wall Industries,Inc. WMM24 Datasheet HTML 2Page - Wall Industries,Inc. WMM24 Datasheet HTML 3Page - Wall Industries,Inc. WMM24 Datasheet HTML 4Page - Wall Industries,Inc. WMM24 Datasheet HTML 5Page - Wall Industries,Inc. WMM24 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. B
WMM24 Series
Single Output, Up to 24 Watts
Medical AC/DC Power Supplies
Wall Mount with Interchangeable Plugs
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
MECHANICAL DRAWINGS
Unit: inches (mm)
United States (US) Type
Australia (AUS) Type
AC PLUG
LABEL
SIDE
TOP
POWER LED
3.13 (79.5±0.5)
AC PLUG
LABEL
SIDE
TOP
POWER LED
3.13 (79.5±0.5)
Standard Output Cable
1. AWM 1185 # 18 AWG / 1C + SHIELDING, UL 80°C 300V VW-1, 1550 mm
2. Depends on customers requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com