Electronic Components Datasheet Search
  English  ▼

X  

LB11696V Datasheet(PDF) 9 Page - ON Semiconductor

Part # LB11696V
Description  Direct PWM Drive Brushless Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11696V Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LB11696V Datasheet HTML 5Page - ON Semiconductor LB11696V Datasheet HTML 6Page - ON Semiconductor LB11696V Datasheet HTML 7Page - ON Semiconductor LB11696V Datasheet HTML 8Page - ON Semiconductor LB11696V Datasheet HTML 9Page - ON Semiconductor LB11696V Datasheet HTML 10Page - ON Semiconductor LB11696V Datasheet HTML 11Page - ON Semiconductor LB11696V Datasheet HTML 12Page - ON Semiconductor LB11696V Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Page. 9
LB11696V
Pin No. Pin Name
Pin Description
Equivalent circuit
27
N2
Hall signal output (HP signal) type selector
VREG
50 kΩ
300 Ω
27
28
LVS
Undervoltage protection voltage detection
If a 5 V or higher supply voltage is to be detected, set the
detection voltage by inserting an appropriate zener diode
in series.
VCC
28
29
VREG
Stabilized power supply output (5 V output)
Insert a capacitor (about 0.1 µF) between this pin and
ground for stabilization.
29
VCC
30
VCC
Power supply. Insert a capacitor between this pin and
ground for stabilization.
Continued from preceding page.
26
N1
Hall signal output (HP signal) type selector
VREG
50 kΩ
300 Ω
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com